Part Number Hot Search : 
LT3527AN LT3527AN MIOC1310 2CL10KV 1100S 5KP26 1N3005B EL2232CN
Product Description
Full Text Search
 

To Download LTC3455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ltc4085 1 4085fd usb power manager with ideal diode controller and li-ion charger the ltc ? 4085 is a usb power manager and li-ion battery charger designed for portable battery-powered applica- tions. the part controls the total current used by the usb peripheral for operation and battery charging. the total input current can be limited to 20% or 100% of a pro- grammed value up to 1.5a (typically 100ma or 500ma). battery charge current is automatically reduced such that the sum of the load current and charge current does not exceed the programmed input current limit. the ltc4085 includes a complete constant-current/ constant-voltage linear charger for single cell li-ion bat- teries. the float voltage applied to the battery is held to a tight 0.8% tolerance, and charge current is programmable using an external resistor to ground. an end-of-charge status output chrg indicates full charge. total charge time is programmable by an external capacitor to ground. when the battery drops 100mv below the float voltage, automatic recharging of the battery occurs. also featured is an ntc thermistor input used to monitor battery tem- perature while charging. the ltc4085 is available in a 14-lead low profile 4mm 3mm dfn package. n portable usb devices: cameras, mp3 players, pdas n seamless transition between input power sources: li-ion battery, usb and 5v wall adapter n 215m internal ideal diode plus optional external ideal diode controller provide low loss powerpath ? when wall adapter/usb input not present n load dependent charging guarantees accurate usb input current compliance n constant-current/constant-voltage operation with thermal feedback to maximize charging rate without risk of overheating* n selectable 100% or 20% input current limit (e.g., 500ma/100ma) n battery charge current independently programmable up to 1.2a n preset 4.2v charge voltage with 0.8% accuracy n c/10 charge current detection output n ntc thermistor input for temperature qualified charging n tiny (4mm 3mm 0.75mm) 14-lead dfn package input and battery current vs load current r prog = 100k, r clprog = 2k l , lt, ltc and ltm are registered trademarks of linear technology corporation. powerpath is a trademark of linear technology corporation. all other trademarks are the property of their respective owners. protected by u.s. patents, including 6522118,6700364. other patents pending. in susp hpwr prog clprog ntc v ntc wall acpr out gate bat chrg timer ltc4085 gnd + 0.1f 4.7f to ldos, regs, etc 10k 10k 2k 100k 4.7f 5v wall adapter input 5v (nom) from usb cable v bus suspend usb power 100ma 500ma select 1k 510 4085 ta01 * * optional - to lower ideal diode impedance i in i load i bat i load (ma) 0 600 500 400 300 200 100 0 C100 300 500 4085 ta01b 100 200 400 600 current (ma) i load i in i bat (charging) i bat (discharging) wall = 0v features description applications typical application
ltc4085 2 4085fd (notes 1, 2, 3, 4, 5) terminal voltage in, out t < 1ms and duty cycle < 1% ................... C0.3v to 7v steady state ............................................ C0.3v to 6v bat, chrg , hpwr, susp, wall, acpr ..... C0.3v to 6v ntc, timer, prog, clprog .......C0.3v to (v cc + 0.3v) pin current (steady state) in, out, bat (note 6) ..............................................2.5a operating temperature range ................. C40c to 85c maximum operating junction temperature ...........110c storage temperature range .................. C65c to 125c the l indicates specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c. v in = 5v, v bat = 3.7v, hpwr = 5v, wall = 0v, r prog = 100k, r clprog = 2k, unless otherwise noted. symbol parameter conditions min typ max units v in input supply voltage in and out 4.35 5.5 v v bat input voltage bat 4.3 v i in input supply current i bat = 0 (note 7) suspend mode; susp = 5v suspend mode; susp = 5v, wall = 5v, v out = 4.8v l l l 0.5 50 60 1.2 100 110 ma a a i out output supply current v out = 5v, v in = 0v, ntc = v ntc l 0.7 1.4 ma i bat battery drain current v bat = 4.3v, charging stopped suspend mode; susp = 5v v in = 0v, bat powers out, no load l l l 15 22 60 27 35 100 a a a v uvlo input or output undervoltage lockout v in powers part, rising threshold v out powers part, rising threshold l l 3.6 2.75 3.8 2.95 4 3.15 v v ?v uvlo input or output undervoltage lockout v in rising C v in falling or v out rising C v out falling 130 mv current limit i lim current limit r clprog = 2k (0.1%), hpwr = 5v r clprog = 2k (0.1%), hpwr = 0v l l 475 90 500 100 525 110 ma ma i in(max) maximum input current limit (note 8) 2.4 a r on on resistance v in to v out i out = 100ma load 215 m pin configuration 1 2 3 4 5 6 7 14 13 12 11 10 9 8 bat gate prog chrg acpr v ntc ntc in out clprog hpwr susp timer wall top view 15 de package 14-lead (4mm s 3mm) plastic dfn t jmax = 125c, ja = 40c/w exposed pad (pin 15) is gnd, must be soldered to pcb lead free finish tape and reel part marking package description temperature range ltc4085ede#pbf ltc4085ede#trpbf 4085 14-lead (4mm 3mm) plastic dfn C40c to 85c consult ltc marketing for parts specified with wider operating temperature ranges. consult ltc marketing for information on non-standard lead based finish parts. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ absolute maximum ratings order information electrical characteristics
ltc4085 3 4085fd symbol parameter conditions min typ max units v clprog clprog pin voltage r prog = 2k r prog = 1k l l 0.98 0.98 1 1 1.02 1.02 v v i ss soft-start inrush current in or out 5 ma/s v clen input current limit enable threshold voltage (v in C v out ) v in rising (v in C v out ) v in falling 20 C80 50 C60 80 C20 mv mv battery charger v float regulated output voltage i bat = 2ma i bat = 2ma, (0c to 85c) 4.165 4.158 4.2 4.2 4.235 4.242 v v i bat current mode charge current r prog = 100k (0.1%), no load r prog = 50k (0.1%), no load l l 465 900 500 1000 535 1080 ma ma i bat(max) maximum charge current (note 8) 1.5 a v prog prog pin voltage r prog = 100k r prog = 50k l l 0.98 0.98 1 1 1.02 1.02 v v k eoc ratio of end-of-charge current to charge current v bat = v float (4.2v) l 0.085 0.1 0.11 ma/ma i trikl trickle charge current v bat = 2v, r prog = 100k (0.1%) 40 50 60 ma v trikl trickle charge threshold voltage l 2.8 2.9 3 v v cen charger enable threshold voltage (v out C v bat ) falling; v bat = 4v (v out C v bat ) rising; v bat = 4v 55 80 mv mv v rechrg recharge battery threshold voltage v float C v rechrg l 65 100 135 mv t timer timer accuracy v bat = 4.3v -10 10 % recharge time percent of total charge time 50 % low-battery trickle charge time percent of total charge time, v bat < 2.8v 25 % t lim junction temperature in constant temperature mode 105 c internal ideal diode r fwd incremental resistance, v on regulation i bat = 100ma 125 m r dio(on) on resistance v bat to v out i bat = 600ma 215 m v fwd voltage forward drop (v bat C v out )i bat = 5ma i bat = 100ma i bat = 600ma l 10 30 55 160 50 mv mv mv v off diode disable battery voltage 2.8 v i fwd load current limit, for v on regulation 550 ma i d(max) diode current limit 2.2 a external ideal diode v fwd,eda external ideal diode forward voltage v gate = 1.85v; i gate = 0 20 mv logic v ol output low voltage, chrg, acpr i sink = 5ma l 0.1 0.25 v v ih input high voltage susp , hpwr pin l 1.2 v v il input low voltage susp , hpwr pin l 0.4 v i pulldn logic input pull-down current susp, hpwr 2 a the l indicates specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c. v in = 5v, v bat = 3.7v, hpwr = 5v, wall = 0v, r prog = 100k, r clprog = 2k, unless otherwise noted. electrical characteristics
ltc4085 4 4085fd symbol parameter conditions min typ max units v chg(sd) charger shutdown threshold voltage on timer l 0.15 0.4 v i chg(sd) charger shutdown pull-up current on timer v timer = 0v l 514 a v war absolute wall input threshold voltage v wall rising threshold l 4.15 4.25 4.35 v v waf absolute wall input threshold voltage v wall falling threshold 3.12 v v wdr delta wall input threshold voltage v wall C v bat rising threshold 75 mv v wdf delta wall input threshold voltage v wall C v bat falling threshold l 02550 mv i wall wall input current v wall = 5v 75 150 a ntc v vntc v ntc bias voltage i vntc = 500a l 4.4 4.85 v i ntc ntc input leakage current v ntc = 1v 0 1 a v cold cold temperature fault threshold voltage rising threshold hysteresis 0.74 ? v vntc 0.02 ? v vntc v v v hot hot temperature fault threshold voltage falling threshold hysteresis 0.29 ? v vntc 0.01 ? v vntc v v v dis ntc disable voltage ntc input voltage to gnd (falling) hysteresis l 75 100 35 125 mv mv note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: v cc is the greater of v in , v out or v bat . note 3: all voltage values are with respect to gnd. note 4: this ic includes overtemperature protection that is intended to protect the device during momentary overload conditions. junction temperatures will exceed 125c when overtemperature protection is active. continuous operation above the specified maximum operating junction temperature may result in device degradation or failure. note 5: the ltc4085e is guaranteed to meet specified performance from 0c to 85c. specifications over the C40c to 85c operating temperature range are assured by design, characterization and correlation with statistical process controls. note 6: guaranteed by long term current density limitations. note 7: total input current is equal to this specification plus 1.002 ? i bat where i bat is the charge current. note 8: accuracy of programmed current may degrade for currents greater than 1.5a. the l indicates specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c. v in = 5v, v bat = 3.7v, hpwr = 5v, wall = 0v, r prog = 100k, r clprog = 2k, unless otherwise noted. electrical characteristics
ltc4085 5 4085fd input supply current vs temperature input supply current vs temperature (suspend mode) battery drain current vs temperature (bat powers out, no load) input current limit vs temperature, hpwr = 5v input current limit vs temperature, hpwr = 0v clprog pin voltage vs temperature prog pin voltage vs temperature v float load regulation battery regulation (float) voltage vs temperature t a = 25c unless otherwise noted. typical performance characteristics temperature (c) C50 0 i in (a) 100 300 400 500 50 900 4085 g01 200 0 C25 75 25 100 600 700 800 v in = 5v v bat = 4.2v r prog = 100k r clprog = 2k temperature (c) C50 70 60 50 40 30 20 10 0 25 75 4085 g02 25 0 50 100 i in (a) v in = 5v v bat = 4.2v r prog = 100k r clprog = 2k susp = 5v temperature (c) C50 0 i bat (a) 20 40 60 C25 0 25 50 4085 g03 75 80 100 10 30 50 70 90 100 v in = 0v v bat = 4.2v temperature (c) C50 475 i in (ma) 485 495 505 515 525 C25 02550 4085 g04 75 100 v in = 5v v bat = 3.7v r prog = 100k r clprog = 2k temperature (c) C50 i in (ma) 92 96 100 C25 0 25 50 4085 g05 75 104 108 110 90 94 98 102 106 100 v in = 5v v bat = 3.7v r prog = 100k r clprog = 2k temperature (c) C50 0 v clprog (v) 0.2 0.4 0.6 0.8 1.2 C25 02550 4085 g06 75 100 1.0 v in = 5v r clprog = 2k hpwr = 5v hpwr = 0v temperature (c) C50 v prog (v) 0.995 1.000 1.005 25 75 4085 g07 0.990 0.985 0.980 C25 0 50 1.010 1.015 1.020 100 v in = 5v v bat = 4.2v r prog = 100k r clprog = 2k i bat (ma) 0 4.00 v float (v) 4.05 4.10 4.15 4.20 4.25 4.30 200 400 600 800 4085 g08 1000 r prog = 34k temperature (c) C50 v float (v) 4.195 4.200 4.205 25 75 4085 g09 4.190 4.185 4.180 C25 0 50 4.210 4.215 4.220 100 v in = 5v i bat = 2ma
ltc4085 6 4085fd input r on vs temperature battery current and voltage vs time charge current vs temperature (thermal regulation) charging from usb, i bat vs v bat charging from usb, low power, i bat vs v bat ideal diode current vs forward voltage and temperature (no external device) ideal diode resistance and current vs forward voltage (no external device) ideal diode current vs forward voltage and temperature with external device ideal diode resistance and current vs forward voltage with external device t a = 25c unless otherwise noted. typical performance characteristics temperature (c) C50 125 r on (m) 150 175 200 225 275 C25 02550 4085 g10 75 100 250 v in = 4.5v v in = 5.5v i load = 400ma v in = 5v time (minutes) 0 0 i bat (ma) 100 200 300 400 500 600 0 v bat and v chrg (v) 1 2 3 4 5 6 50 100 150 200 4085 g11 400mahr cell v in = 5v r prog = 100k r clprog = 2.1k c/10 chrg v bat i bat termination temperature (c) C50 i bat (ma) 400 500 600 25 75 4085 g12 300 200 C25 0 50 100 125 100 0 v in = 5v v bat = 3.5v q ja = 50c/w v bat (v) 0 0 i bat (ma) 100 300 400 500 1 2 2.5 4.5 4085 g13 200 0.5 1.5 3 3.5 4 600 v in = 5v v out = no load r prog = 100k r clprog = 2k hpwr = 5v v bat (v) 0 0 i bat (ma) 20 60 80 100 1 2 2.5 4.5 4085 g14 40 0.5 1.5 3 3.5 4 120 v in = 5v v out = no load r prog = 100k r clprog = 2k hpwr = 0v v fwd (mv) 0 0 i out (ma) 100 300 400 500 1000 700 50 100 4085 g15 200 800 900 600 150 200 v bat = 3.7v v in = 0v C50c 0c 50c 100c v fwd (mv) 0 0 i out (ma), r dio (m) 100 300 400 500 1000 700 50 100 4085 g16 200 800 900 600 150 200 v bat = 3.7v v in = 0v r dio i out 0 3000 4000 5000 80 4085 g17 2000 1000 2500 3500 4500 1500 500 0 20 40 60 100 v fwd (mv) i out (ma) v bat = 3.7v v in = 0v si2333 pfet C50c 0c 50c 100c 0 3000 4000 5000 80 4085 g18 2000 1000 2500 3500 4500 1500 500 0 20 40 60 100 v fwd (mv) i out (ma) v bat = 3.7v v in = 0v si2333 pfet
ltc4085 7 4085fd input connect waveforms input disconnect waveforms response to hpwr wall connect waveforms, v in = 0v wall disconnect waveforms, v in = 0v response to suspend t a = 25c unless otherwise noted. typical performance characteristics 1ms/div v in 5v/div v out 5v/div i in 0.5a/div i bat 0.5a/div 4085 g19 v bat = 3.85v i out = 100ma 1ms/div v in 5v/div v out 5v/div i in 0.5a/div i bat 0.5a/div 4085 g20 v bat = 3.85v i out = 100ma 1ms/div wall 5v/div v out 5v/div i wall 0.5a/div i bat 0.5a/div 4085 g22 v bat = 3.85v i out = 100ma r prog = 100k 1ms/div wall 5v/div v out 5v/div i wall 0.5a/div i bat 0.5a/div 4085 g23 v bat = 3.85v i out = 100ma r prog = 100k 100s/div hpwr 5v/div i in 0.5a/div i bat 0.5a/div 4085 g21 v bat = 3.85v i out = 50ma 100s/div susp 5v/div v out 5v/div i in 0.5a/div i bat 0.5a/div 4085 g24 v bat = 3.85v i out = 50ma
ltc4085 8 4085fd in (pin 1): input supply. connect to usb supply, v bus . input current to this pin is limited to either 20% or 100% of the current programmed by the clprog pin as deter- mined by the state of the hpwr pin. charge current (to bat pin) supplied through the input is set to the current programmed by the prog pin but will be limited by the input current limit if charge current is set greater than the input current limit. out (pin 2): voltage output. this pin is used to provide controlled power to a usb device from either usb v bus (in) or the battery (bat) when the usb is not present. this pin can also be used as an input for battery charging when the usb is not present and a wall adapter is applied to this pin. out should be bypassed with at least 4.7f to gnd. clprog (pin 3): current limit program and input cur- rent monitor. connecting a resistor, r clprog , to ground programs the input to output current limit. the current limit is programmed as follows: i cl (a) = 1000v r clprog in usb applications the resistor r clprog should be set to no less than 2.1k. the voltage on the clprog pin is always proportional to the current flowing through the in to out power path. this current can be calculated as follows: i in (a) = v clprog r clprog ? 1000 hpwr (pin 4): high power select. this logic input is used to control the input current limit. a voltage greater than 1.2v on the pin will set the input current limit to 100% of the current programmed by the clprog pin. a voltage less than 0.4v on the pin will set the input current limit to 20% of the current programmed by the clprog pin. a 2a pull-down is internally applied to this pin to ensure it is low at power up when the pin is not being driven externally. susp (pin 5): suspend mode input. pulling this pin above 1.2v will disable the power path from in to out. the sup- ply current from in will be reduced to comply with the usb specification for suspend mode. both the ability to charge the battery from out and the ideal diode function (from bat to out) will remain active. suspend mode will reset the charge timer if v out is less than v bat while in suspend mode. if v out is kept greater than v bat , such as when a wall adapter is present, the charge timer will not be reset when the part is put in suspend. a 2a pull-down is internally applied to this pin to ensure it is low at power up when the pin is not being driven externally. timer (pin 6): timer capacitor. placing a capacitor, c timer , to gnd sets the timer period. the timer period is: t timer (hours) = c timer ?r prog ? 3hours 0.1 f ? 100k charge time is increased if charge current is reduced due to undervoltage current limit, load current, thermal regulation and current limit selection (hpwr). shorting the timer pin to gnd disables the battery charg- ing functions. pin functions
ltc4085 9 4085fd wall (pin 7): wall adapter present input. pulling this pin above 4.25v will disconnect the power path from in to out. the acpr pin will also be pulled low to indicate that a wall adapter has been detected. ntc (pin 8): input to the ntc thermistor monitoring circuits. under normal operation, tie a thermistor from the ntc pin to ground and a resistor of equal value from ntc to v ntc . when the voltage on this pin is above 0.74 ? v vntc (cold, 0c) or below 0.29 ? v vntc (hot, 50c) the timer is suspended, but not cleared, the charging is disabled and the chrg pin remains in its former state. when the voltage on ntc comes back between 0.74 ? v vntc and 0.29 ? v vntc , the timer continues where it left off and charging is re-enabled if the battery voltage is below the recharge threshold. there is approximately 3c of temperature hysteresis associated with each of the input comparators. connect the ntc pin to ground to disable this feature. this will disable all of the ltc4085 ntc functions. v ntc (pin 9): output bias voltage for ntc. a resistor from this pin to the ntc pin will bias the ntc thermistor. acpr (pin 10): wall adapter present output. active low open-drain output pin. a low on this pin indicates that the wall adapter input comparator has had its input pulled above the input threshold. this feature is disabled if no power is present on in or out or bat (i.e., below uvlo thresholds). chrg (pin 11): open-drain charge status output. when the battery is being charged, the chrg pin is pulled low by an internal n-channel mosfet. when the timer runs out or the charge current drops below 10% of the programmed charge current (while in voltage mode) or the input supply or output supply is removed, the chrg pin is forced to a high impedance state. prog (pin 12): charge current program. connecting a resistor, r prog , to ground programs the battery charge current. the battery charge current is programmed as follows: i chg (a) = 50,000v r prog gate (pin 13): external ideal diode gate pin. this pin can be used to drive the gate of an optional external pfet connected between bat and out. by doing so, the impedance of the ideal diode between bat and out can be reduced. when not in use, this pin should be left floating. it is important to maintain a high impedance on this pin and minimize all leakage paths. bat (pin 14): connect to a single cell li-ion battery. this pin is used as an output when charging the battery and as an input when supplying power to out. when the out pin potential drops below the bat pin potential, an ideal diode function connects bat to out and prevents v out from dropping significantly below v bat . a precision internal resistor divider sets the final float (charging) potential on this pin. the internal resistor divider is disconnected when in and out are in undervoltage lockout. exposed pad (pin 15): ground. the exposed package pad is ground and must be soldered to the pc board for proper functionality and for maximum heat transfer. pin functions
ltc4085 10 4085fd block diagram + C C + + C + C + C + C + C + C + C + C + C + C cc/cv regulator charger enable enable current limit ilim_cntl v bus in soft_start soft_start2 current_control 0.25v 2.8v battery uvlo 4.1v recharge timer oscillator counter stop chrg eoc control_logic reset hold rechrg bat_uv voltage_detect in out bat charge_control 100k 100k ntc_enable 2c0ld 2hot ntc ntcerr gnd susp + C + C 100k 2k out gate bat eda ideal_diode 25mv 25mv clk c/10 ilim cl 1v 1000 500ma/100ma 2a clprog hpwr ta die temp 105c 1v chg prog + C 25mv acpr 4.25v wall v ntc ntc 0.1v 2a 4085 bd 3 4 1 12 7 10 9 8 11 6 2 13 14 i chrg uvlo i in
ltc4085 11 4085fd the ltc4085 is a complete powerpath controller for bat- tery powered usb applications. the ltc4085 is designed to receive power from a usb source, a wall adapter, or a battery. it can then deliver power to an application con- nected to the out pin and a battery connected to the bat pin (assuming that an external supply other than the battery is present). power supplies that have limited cur- rent resources (such as usb v bus supplies) should be connected to the in pin which has a programmable current limit. battery charge current will be adjusted to ensure that the sum of the charge current and load current does not exceed the programmed input current limit. an ideal diode function provides power from the battery when output/load current exceeds the input current limit or when input power is removed. powering the load through the ideal diode instead of connecting the load directly to the battery allows a fully charged battery to remain fully charged until external power is removed. once external power is removed the output drops until the ideal diode is forward biased. the forward biased ideal diode will then provide the output power to the load from the battery. furthermore, powering switching regulator loads from the out pin (rather than directly from the battery) results in shorter battery charge times. this is due to the fact that switching regulators typically require constant input power. when this power is drawn from the out pin voltage (rather than the lower bat pin voltage) the current consumed by the switching regulator is lower leaving more current available to charge the battery. the ltc4085 also has the ability to receive power from a wall adapter. wall adapter power can be connected to the output (load side) of the ltc4085 through an exter- nal device such as a power schottky or fet, as shown in figure 1. the ltc4085 has the unique ability to use the output, which is powered by the wall adapter, as a path to charge the battery while providing power to the load. a wall adapter comparator on the ltc4085 can be configured to detect the presence of the wall adapter and shut off the connection to the usb to prevent reverse conduction out to the usb bus. operation
ltc4085 12 4085fd figure 1: simplified block diagrampowerpath operation C + C + 7 wall 4.25v (rising) 3.15v (falling) 75mv (rising) 25mv (falling) 1 2 10 14 in usb v bus wall adapter out bat 4085 f01 current limit control enable chrg control ideal diode li-ion load + C acpr +
ltc4085 13 4085fd wall present suspend v in > 3.8v v in > (v out + 100mv) v in > (v bat + 100mv) current limit enabled yxx x x n xyx x x n xxn x x n xxx n x n xxx x n n nny y y y table 1. operating modespowerpath states current limited input power (in to out) battery charger (out to bat) wall present suspend v out > 4.35v v out > (v bat + 100mv) charger enabled xxn x n xxx n n xxyyy ideal diode (bat to out) wall present suspend v in v bat > v out v bat > 2.8v diode enabled xxxxnn xxxnxn xxxyyy operating modespin currents vs programmed currents (powered from in) programming output current battery current input current i cl = i chg i out < i cl i out = i cl = i chg i out > i cl i bat = i cl C i out i bat = 0 i bat = i cl C i out i in = i q + i cl i in = i q + i cl i in = i q + i cl i cl > i chg i out < (i cl C i chg ) i out > (i cl C i chg ) i out = i cl i out > i cl i bat = i chg i bat = i cl C i out i bat = 0 i bat = i cl C i out i in = i q + i chg + i out i in = i q + i cl i in = i q + i cl i in = i q + i cl i cl < i chg i out < i cl i out > i cl i bat = i cl C i out i bat = i cl C i out i in = i q + i cl i in = i q + i cl operation
ltc4085 14 4085fd usb current limit and charge current control the current limit and charger control circuits of the ltc4085 are designed to limit input current as well as control battery charge current as a function of i out . the programmed current limit, i cl, is defined as: i cl = 1000 r clprog ?v clprog ? ? ? ? ? ? = 1000v r clprog the programmed battery charge current, i chg , is defined as: i chg = 50,000 r prog ?v prog ? ? ? ? ? ? = 50,000v r prog input current, i in , is equal to the sum of the bat pin output current and the out pin output current: i in = i out + i bat the current limiting circuitry in the ltc4085 can and should be configured to limit current to 500ma for usb applica- tions (selectable using the hpwr pin and programmed using the clprog pin). the ltc4085 reduces battery charge current such that the sum of the battery charge current and the load current does not exceed the programmed input current limit (one- fifth of the programmed input current limit when hpwr is low, see figure 2). the battery charge current goes to zero when load current exceeds the programmed input current limit (one-fifth of the limit when hpwr is low). if the load current is greater than the current limit, the output voltage will drop to just under the battery voltage where the ideal diode circuit will take over and the excess load current will be drawn from the battery. (2a) high power mode/full charge r prog = 100k and r clprog = 2k (2b) low power mode/full charge r prog = 100k and r clprog = 2k (2c) high power mode with i cl = 500ma and i chg = 250ma r prog = 100k and r clprog = 2k figure 2: input and battery currents as a function of load current operation i load (ma) 0 current (ma) 300 400 600 500 i in 400 4085 f02a 200 100 C100 0 100 200 300 600500 i load i bat charging i bat (ideal diode) i load (ma) 0 current (ma) 300 400 600 500 i in 400 4085 f02c 200 100 C100 0 100 200 300 600500 i load i bat charging i bat (ideal diode) i bat = i chg i bat = i cl C i out i load (ma) 0 current (ma) 60 80 120 100 i in 80 4085 f02b 40 20 C20 0 20 40 60 120100 i load i bat charging i bat (ideal diode)
ltc4085 15 4085fd programming current limit the formula for input current limit is: i cl = 1000 r clprog ?v clprog ? ? ? ? ? ? = 1000v r clprog where v clprog is the clprog pin voltage and r clprog is the total resistance from the clprog pin to ground. for example, if typical 500ma current limit is required, calculate: r clprog = 1v 500ma ? 1000 = 2k in usb applications, the minimum value for r clprog should be 2.1k. this will prevent the application current from exceeding 500ma due to ltc4085 tolerances and quiescent currents. a 2.1k clprog resistor will give a typical current limit of 476ma in high power mode (hpwr = 1) or 95ma in low power mode (hpwr = 0). v clprog will track the input current according to the fol- lowing equation: i in = v clprog r clprog ? 1000 for best stability over temperature and time, 1% metal film resistors are recommended. ideal diode from bat to out the ltc4085 has an internal ideal diode as well as a con- troller for an optional external ideal diode. if a battery is the only power supply available or if the load current exceeds the programmed input current limit, then the battery will automatically deliver power to the load via an ideal diode circuit between the bat and out pins. the ideal diode circuit (along with the recommended 4.7f capacitor on the out pin) allows the ltc4085 to handle large transient loads and wall adapter or usb v bus connect/disconnect scenarios without the need for large bulk capacitors. the ideal diode responds within a few microseconds and pre- vents the out pin voltage from dropping significantly below the bat pin voltage. a comparison of the i-v curve of the ideal diode and a schottky diode can be seen in figure 3. if the input current increases beyond the programmed input current limit additional current will be drawn from the battery via the internal ideal diode. furthermore, if power to in (usb v bus ) or out (external wall adapter) is removed, then all of the application power will be provided by the battery via the ideal diode. a 4.7f capacitor at out is sufficient to keep a transition from input power to battery power from causing significant output voltage droop. the ideal diode consists of a precision amplifier that enables a large p-channel mosfet transistor whenever the voltage at out is approximately 20mv (v fwd ) below the voltage at bat. the resistance of the internal ideal diode is approxi- mately 200m. if this is sufficient for the application then no external components are necessary. however, if more conductance is needed, an external pfet can be added from bat to out. the gate pin of the ltc4085 drives the gate of the pfet for automatic ideal diode control. the source of the external pfet should be connected to out and the drain should be connected to bat. in order to help protect the external pfet in overcurrent situations, it should be placed in close thermal contact to the ltc4085. forward voltage (v) ( bat-out ) current (a) schottky diode slope: 1/r dio(on) i max v fwd 4085 f0 3 figure 3. ltc4085 schottky diode vs forward voltage drop operation
ltc4085 16 4085fd battery charger the battery charger circuits of the ltc4085 are designed for charging single cell lithium-ion batteries. featuring an internal p-channel power mosfet, the charger uses a constant-current/constant-voltage charge algorithm with programmable current and a programmable timer for charge termination. charge current can be programmed up to 1.5a. the final float voltage accuracy is 0.8% typi- cal. no blocking diode or sense resistor is required when powering the in pin. the chrg open-drain status output provides information regarding the charging status of the ltc4085 at all times. an ntc input provides the option of charge qualification using battery temperature. an internal thermal limit reduces the programmed charge current if the die temperature attempts to rise above a preset value of approximately 105c. this feature protects the ltc4085 from excessive temperature, and allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the ltc4085. another benefit of the ltc4085 thermal limit is that charge current can be set according to typical, not worst-case, ambient temperatures for a given application with the assurance that the charger will automatically reduce the current in worst-case conditions. the charge cycle begins when the voltage at the out pin rises above the output uvlo level and the battery volt- age is below the recharge threshold. no charge current actually flows until the out voltage is greater than the output uvlo level and 100mv above the bat voltage. at the beginning of the charge cycle, if the battery voltage is below 2.8v, the charger goes into trickle charge mode to bring the cell voltage up to a safe level for charging. the charger goes into the fast charge constant-current mode once the voltage on the bat pin rises above 2.8v. in constant-current mode, the charge current is set by r prog . when the battery approaches the final float voltage, the charge current begins to decrease as the ltc4085 switches to constant-voltage mode. when the charge current drops below 10% of the programmed charge current while in constant-voltage mode the chrg pin assumes a high impedance state. an external capacitor on the timer pin sets the total minimum charge time. when this time elapses the charge cycle terminates and the chrg pin assumes a high impedance state, if it has not already done so. while charging in constant-current mode, if the charge current is decreased by thermal regulation or in order to maintain the programmed input current limit the charge time is automatically increased. in other words, the charge time is extended inversely proportional to charge current de- livered to the battery. for li-ion and similar batteries that require accurate final float potential, the internal bandgap reference, voltage amplifier and the resistor divider provide regulation with 0.8% accuracy. trickle charge and defective battery detection at the beginning of a charge cycle, if the battery voltage is low (below 2.8v) the charger goes into trickle charge reducing the charge current to 10% of the full-scale cur- rent. if the low-battery voltage persists for one quarter of the total charge time, the battery is assumed to be defective, the charge cycle is terminated and the chrg pin output assumes a high impedance state. if for any reason the battery voltage rises above ~2.8v the charge cycle will be restarted. to restart the charge cycle (i.e. when the dead battery is replaced with a discharged battery), simply remove the input voltage and reapply it or cycle the timer pin to 0v. operation
ltc4085 17 4085fd programming charge current the formula for the battery charge current is: i chg = i prog () ? 50,000 = v prog r prog ? 50,000 where v prog is the prog pin voltage and r prog is the total resistance from the prog pin to ground. keep in mind that when the ltc4085 is powered from the in pin, the programmed input current limit takes precedent over the charge current. in such a scenario, the charge current cannot exceed the programmed input current limit. for example, if typical 500ma charge current is required, calculate: r prog = 1v 500ma ? ? ? ? ? ? ? 50,000 = 100k for best stability over temperature and time, 1% metal film resistors are recommended. under trickle charge condi- tions, this current is reduced to 10% of the full-scale value. the charge timer the programmable charge timer is used to terminate the charge cycle. the timer duration is programmed by an external capacitor at the timer pin. the charge time is typically: t timer (hours) = c timer ?r prog ? 3hours 0.1f ? 100k the timer starts when an input voltage greater than the undervoltage lockout threshold level is applied or when leaving shutdown and the voltage on the battery is less than the recharge threshold. at power up or exiting shutdown with the battery voltage less than the recharge threshold the charge time is a full cycle. if the battery is greater than the recharge threshold the timer will not start and charging is prevented. if after power-up the battery voltage drops below the recharge threshold or if after a charge cycle the battery voltage is still below the recharge threshold the charge time is set to one half of a full cycle. the ltc4085 has a feature that extends charge time au- tomatically. charge time is extended if the charge current in constant-current mode is reduced due to load current or thermal regulation. this change in charge time is in- versely proportional to the change in charge current. as the ltc4085 approaches constant-voltage mode the charge current begins to drop. this change in charge current is due to normal charging operation and does not affect the timer duration. once a time-out occurs and the voltage on the battery is greater than the recharge threshold, the charge current stops, and the chrg output assumes a high impedance state if it has not already done so. connecting the timer pin to ground disables the battery charger. chrg status output pin when the charge cycle starts, the chrg pin is pulled to ground by an internal n-channel mosfet capable of driving an led. when the charge current drops below 10% of the programmed full charge current while in constant-voltage mode, the pin assumes a high impedance state (but charge current continues to flow until the charge time elapses). if this state is not reached before the end of the program- mable charge time, the pin will assume a high impedance state when a time-out occurs. the chrg current detection threshold can be calculated by the following equation: i detect = 0.1v r prog ? 50,000 = 5000v r prog operation
ltc4085 18 4085fd for example, if the full charge current is programmed to 500ma with a 100k prog resistor the chrg pin will change state at a battery charge current of 50ma. note: the end-of-charge (eoc) comparator that moni- tors the charge current latches its decision. therefore, the first time the charge current drops below 10% of the programmed full charge current while in constant-voltage mode will toggle chrg to a high impedance state. if, for some reason, the charge current rises back above the threshold the chrg pin will not resume the strong pull- down state. the eoc latch can be reset by a recharge cycle (i.e. v bat drops below the recharge threshold) or toggling the input power to the part. current limit undervoltage lockout an internal undervoltage lockout circuit monitors the input voltage and disables the input current limit circuits until v in rises above the undervoltage lockout threshold. the current limit uvlo circuit has a built-in hysteresis of 125mv. furthermore, to protect against reverse current in the power mosfet, the current limit uvlo circuit disables the current limit (i.e. forces the input power path to a high impedance state) if v out exceeds v in . if the current limit uvlo comparator is tripped, the current limit circuits will not come out of shutdown until v out falls 50mv below the v in voltage. charger undervoltage lockout an internal undervoltage lockout circuit monitors the v out voltage and disables the battery charger circuits until v out rises above the undervoltage lockout threshold. the battery charger uvlo circuit has a built-in hysteresis of 125mv. furthermore, to protect against reverse current in the power mosfet, the charger uvlo circuit keeps the charger shut down if v bat exceeds v out . if the charger uvlo comparator is tripped, the charger circuits will not come out of shut down until v out exceeds v bat by 50mv. suspend the ltc4085 can be put in suspend mode by forcing the susp pin greater than 1v. in suspend mode the ideal diode function from bat to out is kept alive. if power is applied to the out pin externally (i.e., a wall adapter is present) then charging will be unaffected. current drawn from the in pin is reduced to 50a. suspend mode is intended to comply with the usb power specification mode of the same name. ntc thermistor the battery temperature is measured by placing a negative temperature coefficient (ntc) thermistor close to the bat- tery pack. the ntc circuitry is shown in figure 4. to use this feature, connect the ntc thermistor (r ntc ) between the ntc pin and ground and a resistor (r nom ) from the ntc pin to v ntc . r nom should be a 1% resistor with a value equal to the value of the chosen ntc thermistor at 25c (this value is 10k for a vishay nths0603n02n1002j thermistor). the ltc4085 goes into hold mode when the resistance (r hot ) of the ntc thermistor drops to 0.41 times the value of r nom or approximately 4.1k, which should be at 50c. the hold mode freezes the timer and stops the charge cycle until the thermistor indicates a return to a valid temperature. as the temperature drops, the resistance of the ntc thermistor rises. the ltc4085 is designed to go into hold mode when the value of the ntc thermistor increases to 2.82 times the value of r nom . this resistance is r cold . for a vishay nths0603n02n1002j thermistor, this value is 28.2k which corresponds to ap- proximately 0c. the hot and cold comparators each have approximately 3c of hysteresis to prevent oscillation about the trip point. grounding the ntc pin can disable the ntc function. operation
ltc4085 19 4085fd C + C + r nom 10k r ntc 10k ntc v ntc 9 0.1v ntc_enable 4085 f04a ltc4085 too_cold too_hot 0.74 ? v ntc 0.29 ? v ntc C + 8 C + C + r nom 121k r ntc 100k r1 13.3k ntc v ntc 9 0.1v ntc_enable 4085 f04b too_cold too_hot 0.74 ? v ntc 0.29 ? v ntc C + 8 ltc4085 (4a) (4b) figure 4. ntc circuits thermistors the ltc4085 ntc trip points were designed to work with thermistors whose resistance-temperature charac- teristics follow vishay dales r-t curve 2. the vishay nths0603n02n1002j is an example of such a thermis- tor. however, vishay dale has many thermistor products that follow the r-t curve 2 characteristic in a variety of sizes. furthermore, any thermistor whose ratio of r cold to r hot is about 7.0 will also work (vishay dale r-t curve 2 shows a ratio of r cold to r hot of 2.815/0.4086 = 6.89). power conscious designs may want to use thermistors whose room temperature value is greater than 10k. vishay dale has a number of values of thermistor from 10k to 100k that follow the r-t curve 2. using these as indi- cated in the ntc thermistor section will give temperature trip points of approximately 3c and 47c, a delta of 44c. this delta in temperature can be moved in either direction by changing the value of r nom with respect to r ntc . increasing r nom will move both trip points to lower temperatures. likewise a decrease in r nom with respect to r ntc will move the trip points to higher temperatures. to calculate r nom for a shift to lower temperature for example, use the following equation: r nom = r cold 2.815 ?r ntc at 25 c where r cold is the resistance ratio of r ntc at the desired cold temperature trip point. if you want to shift the trip points to higher temperatures use the following equation: r nom = r hot 0.4086 ?r ntc at 25 c where r hot is the resistance ratio of r ntc at the desired hot temperature trip point. here is an example using a 100k r-t curve 1 thermistor from vishay dale. the difference between the trip points is 44c, from before, and we want the cold trip point to be 0c, which would put the hot trip point at 44c. the r nom needed is calculated as follows: r nom = r cold 2.815 ?r ntc at 25 c = 3.266 2.815 ? 100k = 116k applications information
ltc4085 20 4085fd the nearest 1% value for r nom is 115k. this is the value used to bias the ntc thermistor to get cold and hot trip points of approximately 0c and 44c respectively. to extend the delta between the cold and hot trip points a resistor (r1) can be added in series with r ntc . (see figure 3b). the values of the resistors are calculated as follows: r nom = r cold ?r hot 2.815 ? 0.4086 r1 = 0.4086 2.815 ? 0.4086 ? ? ? ? ? ? ?r cold ?r hot () ?r hot where r nom is the value of the bias resistor, r hot and r cold are the values of r ntc at the desired temperature trip points. continuing the example from before with a desired hot trip point of 50c: r nom = r cold ?r hot 2.815 ? 0.4086 = 100k ? 3.266 ? 0.3602 () 2.815 ? 0.4086 = 120.8k, 121k nearest 1% r1 = 100k ? 0.4086 2.815 ? 0.4086 ? ? ? ? ? ? ? 3.266 ? 0.3602 () ? 0.3602 ? ? ? ? ? ? = 13.3k, 13.3k is nearest 1% the final solution is as shown in figure 3b where r nom = 121k, r1 = 13.3k and r ntc = 100k at 25c using the wall pin to detect the presence of a wall adapter the wall input pin identifies the presence of a wall adapter (the pin should be tied directly to the adapter output voltage). this information is used to disconnect the input pin, in, from the out pin in order to prevent back conduction to whatever may be connected to the input. it also forces the acpr pin low when the voltage at the wall pin exceeds the input threshold. in order for the presence of a wall adapter to be acknowledged, both of the following conditions must be satisfied: 1. the wall pin voltage exceeds v war (approximately 4.25v); and 2. the wall pin voltage exceeds v wdr (approximately 75mv above v bat ) the input power path (between in and out) is re-enabled and the acpr pin assumes a high impedance state when either of the following conditions is met: 1. the wall pin voltage falls below v wdf (approximately 25mv above v bat ); or 2. the wall pin voltage falls below v waf (approximately 3.12v) each of these thresholds is suitably filtered in time to prevent transient glitches on the wall pin from falsely triggering an event. power dissipation the conditions that cause the ltc4085 to reduce charge current due to the thermal protection feedback can be approximated by considering the power dissipated in the part. for high charge currents and a wall adapter applied to v out , the ltc4085 power dissipation is approximately: p d = (v out C v bat ) ? i bat where, p d is the power dissipated, v out is the supply voltage, v bat is the battery voltage, and i bat is the battery charge current. it is not necessary to perform any worst- case power dissipation scenarios because the ltc4085 will automatically reduce the charge current to maintain the die temperature at approximately 105c. however, the approximate ambient temperature at which the thermal feedback begins to protect the ic is: t a = 105c C p d ? ja t a = 105c C (v out C v bat ) ? i bat ? ja example: consider an ltc4085 operating from a wall adapter with 5v at v out providing 0.8a to a 3v li-ion battery. the ambient temperature above which the ltc4085 will begin to reduce the 0.8a charge current, is approximately t a = 105c C (5v C 3v) ? 0.8a ? 37c/w t a = 105c C 1.6w ? 37c/w = 105c C 59c = 46c the ltc4085 can be used above 46c, but the charge current will be reduced below 0.8a. the charge current at a given ambient temperature can be approximated by: i bat = 105 c?t a v out ?v bat () ? ja applications information
ltc4085 21 4085fd consider the above example with an ambient temperature of 55c. the charge current will be reduced to approximately: i bat = 105 c?55 c 5v ? 3v () ?37 c/w = 50 c 74 c/a = 0.675a board layout considerations in order to be able to deliver maximum charge current under all conditions, it is critical that the exposed pad on the backside of the ltc4085 package is soldered to the board. correctly soldered to a 2500mm 2 double-sided 1oz. copper board the ltc4085 has a thermal resistance of approximately 37c/w. failure to make thermal contact between the exposed pad on the backside of the package and the copper board will result in thermal resistances far greater than 37c/w. as an example, a correctly soldered ltc4085 can deliver over 1a to a battery from a 5v supply at room temperature. without a backside thermal connec- tion, this number could drop to less than 500ma. v in and wall adapter bypass capacitor many types of capacitors can be used for input bypassing. however, caution must be exercised when using multilayer ceramic capacitors. because of the self resonant and high q characteristics of some types of ceramic capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger input to a hot power source. for more information, refer to application note 88. stability the constant-voltage mode feedback loop is stable without any compensation when a battery is connected. however, a 4.7f capacitor with a 1 series resistor to gnd is recommended at the bat pin to keep ripple voltage low when the battery is disconnected. applications information usb power control application with wall adapter input in susp hpwr suspend usb power 500ma/100ma select out prog ltc4085 clprog gnd bat gate v ntc ntc li-ion cell to ldos regs, etc chrg acpr wall timer 0.15f 4085 ta02 r ntcbias 10k r ntc 10k 510 r prog 71.5k *series 1w resistor only needed for inductive input supplies r clprog 2.1k + 4.7f 4.7f 510 1k 5v wall adapter input 5v (nom) from usb cable v bus 1* 4.7f 1* typical application
ltc4085 22 4085fd de package 14-lead plastic dfn (4mm 3mm) (reference ltc dwg # 05-08-1708 rev b) 3.00 0.10 (2 sides) 4.00 0.10 (2 sides) note: 1. drawing proposed to be made variation of version (wged-3) in jedec package outline mo-229 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.15mm on any side 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package 0.40 0.10 bottom viewexposed pad 1.70 0.10 0.75 0.05 r = 0.115 typ r = 0.05 typ 3.00 ref 1.70 0.05 1 7 14 8 pin 1 top mark (see note 6) 0.200 ref 0.00 C 0.05 (de14) dfn 0806 rev b pin 1 notch r = 0.20 or 0.35 s 45 chamfer 3.00 ref recommended solder pad pitch and dimensions apply solder mask to areas that are not soldered 2.20 0.05 0.70 0.05 3.60 0.05 package outline 0.25 0.05 0.25 0.05 0.50 bsc 3.30 0.05 3.30 0.10 0.50 bsc package description
ltc4085 23 4085fd information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. revision history rev date description page number d 4/11 updated block diagram 10 (revision history begins at rev d)
ltc4085 24 4085fd linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 2006 lt 0411 rev d ? printed in usa part number description comments battery chargers ltc1733 monolithic lithium-ion linear battery charger standalone charger with programmable timer, up to 1.5a charge current ltc1734 lithium-ion linear battery charger in thinsot simple thinsot charger, no blocking diode, no sense resistor needed ltc1734l lithium-ion linear battery charger in thinsot low current version of ltc1734; 50ma i chrg 180ma ltc4002 switch mode lithium-ion battery charger standalone, 4.7v v in 24 v, 500khz frequency, 3 hour charge termination ltc4052 monolithic lithium-ion battery pulse charger no blocking diode or external power fet required, 1.5a charge current ltc4053 usb compatible monolithic li-ion battery charger standalone charger with programmable timer, up to 1.25a charge current ltc4054 standalone linear li-ion battery charger with integrated pass transistor in thinsot thermal regulation prevents overheating, c/10 termination, c/10 indicator, up to 800ma charge current ltc4057 lithium-ion linear battery charger up to 800ma charge current, thermal regulation, thinsot package ltc4058 standalone 950ma lithium-ion charger in dfn c/10 charge termination, battery kelvin sensing, 7% charge accuracy ltc4059 900ma linear lithium-ion battery charger 2mm 2mm dfn package, thermal regulation, charge current monitor output ltc4065/ltc4065a standalone li-ion battery chargers in 2mm 2mm dfn 4.2v, 0.6% float voltage, up to 750ma charge current, 2mm 2mm dfn, a version has acpr function. ltc4411/ltc4412 low loss powerpath controller in thinsot automatic switching between dc sources, load sharing, replaces oring diodes power management ltc3405/ltc3405a 300ma (i out ), 1.5 mhz, synchronous step-down dc/dc converter 95% efficiency, v in = 2.7v to 6v, v out = 0.8v, i q = 20a, i sd < 1a, thinsot package ltc3406/ltc3406a 600ma (i out ), 1.5 mhz, synchronous step-down dc/dc converter 95% efficiency, v in = 2.5v to 5.5v, v out = 0.6v, i q = 20a, i sd < 1a, thinsot package ltc3411 1.25a (i out ), 4 mhz, synchronous step-down dc/dc converter 95% efficiency, v in = 2.5v to 5.5v, v out = 0.8v, i q = 60a, i sd < 1a, ms10 package ltc3440 600ma (i out ), 2 mhz, synchronous buck-boost dc/dc converter 95% efficiency, v in = 2.5v to 5.5v, v out = 2.5v, i q = 25a, i sd < 1a, ms package LTC3455 dual dc/dc converter with usb power manager and li-ion battery charger seamless transition between power souces: usb, wall adapter and battery; 95% efficient dc/dc conversion ltc4055 usb power controller and battery charger charges single cell li-ion batteries directly from a usb port, thermal regulation, 200m< ideal diode, 4mm 4mm qfn16 package ltc4066 usb power controller and battery charger charges single cell li-ion batteries directly from a usb port, thermal regulation, 50m< ideal diode, 4mm 4mm qfn24 package thinsot is a trademark of linear technology corporation. related parts


▲Up To Search▲   

 
Price & Availability of LTC3455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X